PART |
Description |
Maker |
RBM-505D RBM-505S RBM-515S RBM-515D RBM-3.31.8S RB |
ECONOLINE - DC/DC - CONVERTER Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS06; No. of Contacts:128; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight ECONOLINE - DC/DC-CONVERTER ECONOLINE -直流/直流转换
|
http:// RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
BUV48 BUV48A |
RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; Power: 1W; Pot-Core Transformer - separated RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 24V; Power: 1W; Pot-Core Transformer - separated SITCHMODE II Series NPN Silicon Power Transistors
|
ONSEMI[ON Semiconductor]
|
BUT46 BUT136 BUV48 BUT56 BUV47 BUT56A BUL46 BUV46 |
POWER TRANSISTORS 功率晶体 RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 3.3V; Power: 1W; Pot-Core Transformer - separated RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 09V; Power: 1W; Pot-Core Transformer - separated RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 12V; Power: 1W; Pot-Core Transformer - separated
|
Advanced Analogic Technologies, Inc. TRSYS ANALOGICTECH[Advanced Analogic Technologies]
|
REZ-123.3S REZ-243.3S REZ REZ-0505S REZ-0509S REZ- |
ECONOLINE - DC/DC CONVERTER ECONOLINE -直流/直流转换
|
Recom International Pow... RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
RX-2409D RX-2424D RY-0524D RY-0509D RX-0509D RY-15 |
ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 RESISTOR
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC3-2415RW REC3-4812RW REC3-4805RW REC3-4809RW RE |
ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 3W DC/DC converter with 68V input, -12V/ -125mA output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RA-515S RA-93.3S RA RA-1.805D RA-1.805S RA-1.809D |
ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC5-1215SRWL REC5-1212SRWL REC8-05SRWL REC5-1205D |
ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉
|
RECOM Electronic GmbH RECOM[Recom International Power]
|
RW-2405S RW-4805S RW-1215S RW-1212S RW-4815S RW-05 |
ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RXT-XX0505 RYT-150909 RYT-150505 RYT-120505 RYT-12 |
ECONOLINE DC/DC-CONVERTER ECONOLINE直流/直流转换 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; Jacket Material:Polyvinylchloride (PVC); Voltage Nom.:300V RoHS Compliant: Yes ECONOLINE直流/直流转换 Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes ECONOLINE直流/直流转换 GT 35C 28#16 7#12 PIN RECP ECONOLINE直流/直流转换 2200UF 80WV 20% *NO Pb* ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 Shielded Multiconductor Cable; Number of Conductors:5; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes
|
RECOM Power Inc. RECOM Electronic GmbH
|
BDX54 BDX54C BDX54B BDX54A |
8 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220 PNP SILICON POWER DARLINGTONS RJZ Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 15V; Output Voltage (Vdc): 05V; Power: 2W; 2W Single and Dual Outputs
|
Power Innovations Ltd POINN[Power Innovations Limited] Power Innovations International, Inc.
|
RSBL-12 RSBL-9 RSBL-9-S RSB-12 RSB-12-S RSB-24 RSB |
Using Permanent Magnet, High sensitivity Two Poles Signal Relay RSB RELAYS 使用永磁,两极高灵敏度信号继电器RSB继电 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% 使用永磁,两极高灵敏度信号继电器RSB继电 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Explosion-Proof Limit Switches Series CX: Standard Housing: Side Rotary, Lever not included From old datasheet system
|
Electronic Theatre Controls, Inc. ETC[ETC] N.A. List of Unclassifed Manufacturers http://
|